Part Number Hot Search : 
MCP450 10PBF DS1640 C895125Q CVA2404T VMU1934 AIV10 UG2002
Product Description
Full Text Search
 

To Download ZMM43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM2.4 - ZMM75
VZ : 2.4 to 75V PD : 500mW
FEATURES :
* Silicon planar zener diodes * In MiniMELF case especially for automatic insertion * Standard zener voltage tolerance is 5% * Other zener voltages are available upon request. * These diodes are also available in DO-35 case with the type designation ZPD2.7 ... ZPD51 * Pb / RoHS Free
ZENER DIODES
MiniMELF (SOD-80C)
Cathode Mark
0.063 (1.64)
0.055 (1.40) 0.019(0.48) 0.011(0.28)
0.142(3.6) 0.134(3.4)
Mounting Pad Layout
0.098 (2.50) Max. 0.049 (1.25)Min.
MECHANICAL DATA :
* Case : MiniMELF Glass Case (SOD-80C) * Weight : 0.05 gram (approximately)
0.079 (2.00)Min.
0.197 (5.00) REF
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 200 mA. Power Dissipation at Tflange = 75C Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range VF PD RJA TJ TS 1.25 500
(1)
Symbol
Value
Unit
V mW C/W C C
300(1) 175 -65 to + 150
Note: (1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 2
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Type
ZMM2.4 ZMM2.7 ZMM3.0 ZMM3.3 ZMM3.6 ZMM3.9 ZMM4.3 ZMM4.7 ZMM5.1 ZMM5.6 ZMM6.2 ZMM6.8 ZMM7.5 ZMM8.2 ZMM9.1 ZMM10 ZMM11 ZMM12 ZMM13 ZMM15 ZMM16 ZMM18 ZMM20 ZMM22 ZMM24 ZMM27 ZMM30 ZMM33 ZMM36 ZMM39 ZMM43 ZMM47 ZMM51 ZMM56 ZMM62 ZMM68 ZMM75
Zener Voltage VZ @ IZT 1) IZT Nom (V) (mA) 2.4 5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5
Dynamic Resistance at IZ=5mA at IZ=1mA f = 1 kHz f = 1 kHz rzj () rzj () < 100 < 600 6.5 (< 8) 75 (< 83) 80 (< 95) 80 (< 95) 80 (< 95) 80 (< 95) 70 (< 78) 30 (< 60) 10 (< 40) 4.8 (< 10) 4.5 (< 8) 4 (< 7) 4.5 (< 7) 4.8 (< 10) 5.2 (< 15) 6 (< 20) 7 (< 20) 9 (< 25) 11 (< 30) 13 (< 40) 18 (< 50) 20 (< 50) 25 (< 55) 28 (< 80) 30 (< 80) 35 (< 80) 40 (< 80) 40 (< 90) 50 (< 90) 60 (< 100) 70 (< 100) 70 (< 100) < 135(3) < 150(3) < 200(3) < 250
(3)
Maximum Reverse Leakage Current IR at VR (V) (A) 50 0.8 20 10 6.0 6.0 1.6 1.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 22.5 25 27 29 32 35 38 42 47 51 55
Temp. coefficient Admissible of Zener Voltage Zener Current -4 IZ vz(10 / C) min. max. (mA) -10 -5 175 -9 -9 -8 -8 -7 -6 -5 -3 -2 -1 +2 +3 +4 +5 +5 +5 +6 +7 +7 +8 +8 +8 +8 +8 +8 +8 +8 +8 +10 +10 +10 +10 -4 -3 -3 -3 -3 -1 +2 +4 +6 +7 +7 +7 +7 +8 +8 +9 +9 +9 +9 +9.5 +9.5 +10 +10 +10 +10 +10 +10 +10 +12 +12 +12 +12 160 140 130 120 110 100 90 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.1 6.4 5.8 5.3
< 500 < 500 < 500 < 500 < 500 < 500 < 500 < 480 < 400 < 200 < 150 < 50 < 50 < 50 < 70 < 70 < 90 < 110 < 110 < 170 < 170 < 220 < 220 < 220 < 250 < 250 < 250 < 250 < 300 < 700 < 750 < 750 < 1000(4) < 1000(4) < 1000(4) <1500
(4)
+10 (typ.) + 10 (typ.) + 10 (typ.) + 10 (typ.)
Notes: 1) Tested with pulses tp = 5 ms 2) Valid Provided that leads are kept at ambient temperature. 3) at IZ = 2.5mA 4) at IZ = 0.5mA
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of ZMM43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X